Part Number Hot Search : 
DG390BDJ 150N10 9412A UMA1002T FP2601PL EN7671 SC284 A330M
Product Description
Full Text Search
 

To Download MURF1620CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2008 september, 2008 ? rev. 7 1 publication order number: MURF1620CT/d MURF1620CT preferred device switchmode  power rectifier these state ? of ? the ? art devices are designed for use in switching power supplies, inverters and as free wheeling diodes. features ? ultrafast 35 nanosecond recovery times ? 150 c operating junction temperature ? epoxy meets ul 94 v ? 0 @ 0.125 in ? high temperature glass passivated junction ? low leakage specified @ 150 c case temperature ? current derating @ both case and ambient temperatures ? electrically isolated. no isolation hardware required. ? pb ? free package is available* mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for so ldering purposes: 260 c max. for 10 seconds maximum ratings (per leg) rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 200 v average rectified forward current per diode, (rated v r ), t c = 150 c total device i f(av) 8 16 a peak repetitive forward current (rated v r , square wave, 20 khz), t c = 150 c i fm 16 a non ? repetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 a operating junction and storage temperature t j , t stg ? 65 to +150 c rms isolation voltage (t = 0.3 second, r.h. 30%, t a = 25 c) (note 1) per figure 3 v iso1 4500 v stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. proper strike and creepage distance must be provided. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. device package shipping ordering information MURF1620CT to ? 220 isolated to ? 220 case 221d style 3 50 units/rail 3 1 ultrafast rectifier 16 amperes, 200 volts 2 preferred devices are recommended choices for future use and best overall value. 2 1 3 marking diagram a = assembly location y = year ww = work week u1620 = device code g = pb ? free package aka = diode polarity http://onsemi.com MURF1620CTg to ? 220 (pb ? free) 50 units/rail ayww u1620g a k a
MURF1620CT http://onsemi.com 2 thermal characteristics (per leg) rating symbol value unit maximum thermal resistance, junction ? to ? case r  jc 4.2 c/w lead temperature for soldering purposes: 1/8 from the case for 5 seconds t l 260 c electrical characteristics (per leg) characteristic symbol value unit maximum instantaneous forward voltage (note 2) (i f = 8.0 a, t c = 150 c) (i f = 8.0 a, t c = 25 c) v f 0.895 0.975 v maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 150 c) (rated dc voltage, t c = 25 c) i r 250 5.0  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) (i f = 0.5 a, i r = 1.0 a, i rec = 0.25 a) t rr 35 25 ns 2. pulse test: pulse width = 300  s, duty cycle 2.0%. v r , reverse voltage (volts) i r , reverse current (a)  0.01 0.04 0.1 0.4 1.0 2.0 10 40 100 400 1.0 k 200 160 120 80 40 0 100 50 20 , instantaneous forward current (amps) i f 10 5.0 2.0 1.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 v f , instantaneous voltage (volts) figure 1. typical forward voltage, per leg 0.3 t j = 100 c 25 c 20 60 100 140 180 t j = 100 c 25 c 10 k figure 2. typical reverse current, per leg*
MURF1620CT http://onsemi.com 3 test condition for isolation test* fully isolated package leads heatsink 0.110  min figure 3. mounting position * measurement made between leads and heatsink with all leads shorted together. mounting information clip heatsink figure 4. typical mounting technique clip ? mounted
MURF1620CT http://onsemi.com 4 package dimensions to ? 220 fullpak case 221d ? 03 issue j style 3: pin 1. anode 2. cathode 3. anode dim a min max min max millimeters 0.617 0.635 15.67 16.12 inches b 0.392 0.419 9.96 10.63 c 0.177 0.193 4.50 4.90 d 0.024 0.039 0.60 1.00 f 0.116 0.129 2.95 3.28 g 0.100 bsc 2.54 bsc h 0.118 0.135 3.00 3.43 j 0.018 0.025 0.45 0.63 k 0.503 0.541 12.78 13.73 l 0.048 0.058 1.23 1.47 n 0.200 bsc 5.08 bsc q 0.122 0.138 3.10 3.50 r 0.099 0.117 2.51 2.96 s 0.092 0.113 2.34 2.87 u 0.239 0.271 6.06 6.88 ? b ? ? y ? g n d l k h a f q 3 pl 123 m b m 0.25 (0.010) y seating plane ? t ? u c s j r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch 3. 221d-01 thru 221d-02 obsolete, new standard 221d-03. on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 MURF1620CT/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of MURF1620CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X